전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLE121LR 데이터시트(PDF) 33 Page - Silicon Laboratories

부품명 BLE121LR
상세설명  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR 데이터시트(HTML) 33 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 27Page - Silicon Laboratories BLE121LR Datasheet HTML 28Page - Silicon Laboratories BLE121LR Datasheet HTML 29Page - Silicon Laboratories BLE121LR Datasheet HTML 30Page - Silicon Laboratories BLE121LR Datasheet HTML 31Page - Silicon Laboratories BLE121LR Datasheet HTML 32Page - Silicon Laboratories BLE121LR Datasheet HTML 33Page - Silicon Laboratories BLE121LR Datasheet HTML 34Page - Silicon Laboratories BLE121LR Datasheet HTML 35Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Silicon Labs
Page 33 of 35
11.4 MIC Japan
BLE121LR is certified as a module with type certification number 209-J00111. As a certified module
BLE121LR can be integrated to an end product without a need for additional MIC Japan certification of the
end product.
11.5 Anatel (Brazil)
BLE121LR is certified in Brazil with Anatel certification number: 01238-16-03402
The user manual of the equipment that integrates this module must contain the following sentences:
"This equipment integrates a Bluetooth radio wireless module having Anatel homologation code of 01238-16-
03402."
"This equipment is not entitled to protection against harmful interference and may not cause interference to
other duly authorized systems."
O manual do usuário do equipamento que integra este módulo deve conter as seguintes frases:
"Este produto contém a placa MODEL código de homologação Anatel 01238-16-03402."
"Este equipamento não tem direito à proteção contra interferência prejudicial e não pode causar interferência
em sistemas devidamente autorizados."
11.6 KCC (Korea)
BLE121LR has type certification in Korea with certification number MSIP-CRM-BGT-BLE121LR
12 Tape and reel information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35