전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72334J4T7 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 ST72334J4T7
상세설명  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4T7 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button ST72334J4T7 Datasheet HTML 37Page - STMicroelectronics ST72334J4T7 Datasheet HTML 38Page - STMicroelectronics ST72334J4T7 Datasheet HTML 39Page - STMicroelectronics ST72334J4T7 Datasheet HTML 40Page - STMicroelectronics ST72334J4T7 Datasheet HTML 41Page - STMicroelectronics ST72334J4T7 Datasheet HTML 42Page - STMicroelectronics ST72334J4T7 Datasheet HTML 43Page - STMicroelectronics ST72334J4T7 Datasheet HTML 44Page - STMicroelectronics ST72334J4T7 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
41/125
POWER SAVING MODES (Cont’d)
5.2.4 SLOW Mode
This mode has two targets:
– To reduce power consumption by decreasing the
internal clock in the device,
– To adapt the internal clock frequency (fCPU)to
the available supply voltage.
SLOW mode is controlled by three bits in the
MISCR1 register: the SMS bit which enables or
disables Slow mode and two CPx bits which select
the internal slow frequency (fCPU).
In this mode, the oscillator frequency can be divid-
ed by 4, 8, 16 or 32 instead of 2 in normal operat-
ing mode. The CPU and peripherals are clocked at
this lower frequency.
Note: SLOW-WAIT mode is activated when enter-
ring the WAIT mode while the device is already in
SLOW mode.
Figure 31. SLOW Mode: timing diagram for internal CPU clock transitions
00
01
0
1
SMS
CP1:0
fCPU
fOSC/8
fOSC/4
NEW FREQUENCY
REQUEST
NEW FREQUENCY
ACTIV E WHEN
OSC/4 & OSC/8 = 0
NORMAL MODE
REQUEST
NORMAL MODE ACTIVE
(OSC/4, OSC/8 STOPPED )
MISCR1
REGISTE R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com