| 전자부품 데이터시트 검색엔진 |
|
CFAH1602A-RFD-JP 데이터시트(PDF) 8 Page - Crystalfontz America, Inc. |
|
|
|||||||||||||||||||||||||||||
CFAH1602A-RFD-JP 데이터시트(HTML) 8 Page - Crystalfontz America, Inc. |
|
8 / 20 page ![]() http://www.crystalfontz.com email: sales@crystalfontz.com Phone: (509) 291-3514 Fax: (509) 291-3345 Crystalfontz America, Inc. 15611 East Washington Road Valleyford, WA 99036 &RQWRXU'UDZLQJ %ORFN'LDJUDP 16X2 LCD 01 41 Character located Vdd Vo Vss Vee External contrast adjustment. DDRAM address DDRAM address 00 40 12 10K~20K 80 series 68 series or MPU DB0~DB7 VR RS R/W E 05 45 02 03 04 43 42 44 34 56 06 07 08 09 47 46 48 49 789 10 4E 0A 0B 0C 0D 4A 4B 4C 4D 11 12 13 14 0E 0F 4F 15 16 Controller/Com Driver Vdd,Vss,V1~V5 Optional HD44780 Equivalent or D M CL1 CL2 Seg1~40 Com1~16 71.2 66.0(VA) 84.0 0.5 13.9 76.0 2.5 P2.54*15=38.1 1.8 4.0 10.2 6.4 14 9.0 0.55 0.6 2.95 0.6 3.55 DOT SIZE 2- 2.5 PTH 2- 5.0 PAD 56.2(AA) 16- 1.0 PTH 15 1 16 6- 1.0 PTH 6- 2.0 PAD 2.5 1.5 A K 2-R1.25 2-R2.5 A K LCM (Will never get Vee output from pi Seg Driver Seg41~80 RR B/L The non-specified tolerance of dimension is 0.3mm. 1.6 12.1 7.5 Low H1 13.5 H2 8.9 LED-H/L B/L High 14 15 16 12 13 H2 H1 max 9 10 11 8 7 4 6 5 3 2 1 DB5 A/Vee DB7 DB6 K DB0 DB4 DB3 DB2 DB1 RS R/W Vo Vdd E Vss LED B/L Drive Method Drive from pin15, pin16 |