| 전자부품 데이터시트 검색엔진 |
|
PQ014 데이터시트(PDF) 6 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ014 데이터시트(HTML) 6 Page - Pico Technology Ltd. |
|
6 / 27 page ![]() PicoScope 2000 Series oscilloscopes Oscilloscope controls: PicoScope’s full analog-domain controls, including zoom, filtering, and function generator, are all available in MSO digital signal mode. Show by level: Group bits into fields and then display as an analog level. Split-screen display: PicoScope can display both analog and digital signals at the same time. The split- screen display can be adjusted to give more or less space to the analog waveforms. Analog waveforms: View analog waveforms time-correlated with digital inputs. Digital channels button: Set up and display digital inputs. View analog and digital signals on the same timebase. Mixed digital and analog signals The PicoScope 2000 MSO models add 16 digital channels to their two analog channels, enabling you to accurately time-correlate analog and digital channels. You can group digital channels together and display them as a bus, with each bus value displayed in hex, binary or decimal, or as a level (for DAC testing). You can set advanced triggers across both the analog and digital channels. The digital inputs also bring extra power to the serial decoding options. You can decode serial data on all analog and digital channels simultaneously, giving you up to 20 channels of data – for example decoding multiple SPI, I²C, CAN bus, LIN bus and FlexRay signals all at the same time. Display format: Display selected bits individually or as groups in binary, hex, or decimal format. Advanced triggers: Additional Digital and Logic trigger options are available for digital channels. Rulers: Drawn across both analog and digital panes so signal timings can be compared. Rename: The digital channels and groups can be renamed. You can expand or collapse groups in the digital view. |