전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93C86ATISTG 데이터시트(PDF) 13 Page - Microchip Technology

부품명 93C86ATISTG
상세설명  16K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C86ATISTG 데이터시트(HTML) 13 Page - Microchip Technology

Back Button 93C86ATISTG Datasheet HTML 9Page - Microchip Technology 93C86ATISTG Datasheet HTML 10Page - Microchip Technology 93C86ATISTG Datasheet HTML 11Page - Microchip Technology 93C86ATISTG Datasheet HTML 12Page - Microchip Technology 93C86ATISTG Datasheet HTML 13Page - Microchip Technology 93C86ATISTG Datasheet HTML 14Page - Microchip Technology 93C86ATISTG Datasheet HTML 15Page - Microchip Technology 93C86ATISTG Datasheet HTML 16Page - Microchip Technology 93C86ATISTG Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21797G-page 13
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
3.6
Program Enable (PE)
This pin allows the user to enable or disable the ability
to write data to the memory array. If the PE pin is tied
to VCC, the device can be programmed. If the PE pin is
tied to VSS, programming will be inhibited. This pin
cannot be floated, it must be tied to VCC or VSS. PE is
not available on 93XX86A or 93XX86B. On those
devices, programming is always enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28