전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LR128F-ZB 데이터시트(PDF) 44 Page - STMicroelectronics

부품명 M58LR128F-ZB
상세설명  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128F-ZB 데이터시트(HTML) 44 Page - STMicroelectronics

Back Button M58LR128F-ZB Datasheet HTML 40Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 41Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 42Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 43Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 44Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 45Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 46Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 47Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
M58LR128FT, M58LR128FB
44/82
Figure 13. Single Synchronous Read AC Waveforms
AI08312
E
G
A0-A22
L
WAIT(1,2)
K(2)
VALID ADDRESS
tGLQV
tAVKH
tLLKH
tELKH
Hi-Z
tELQX
tKHQV
Note 1. The WAIT signal is configured to be active during wait state. WAIT signal is active Low.
2. Address latched and data output on the rising clock edge. Either the rising or the falling edge of the clock signal, K, can
be configured as the active edge. Here, the active edge is the rising one.
tGLQX
tKHTV
DQ0-DQ15
VALID
Hi-Z
tELQV
tGLTV
tGHTZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82