| 전자부품 데이터시트 검색엔진 |
|
6352 데이터시트(PDF) 7 Page - Anderson Power Products, Inc. |
|
|
|||||||||||||||||||||||||||||
6352 데이터시트(HTML) 7 Page - Anderson Power Products, Inc. |
|
7 / 9 page ![]() - 121 - All Data Subject To Change Without Notice www.andersonpower.com Zip Cable Straps Zip cable straps are used to secure auxiliary wires to the side of the main power cables. Description Part Number Minimum Quantity 1,000 White H1835P3 Manual Release - Battery Side * Works with the Charger / Truck side to ease mating and unmating connectors. Description Part Numbers Minimum Quantity 72 25 Bracket and Hardware Kit - 993G1 Battery Bracket Only 111961P1 - Hardware Bag - 106G6 * Torque value 50 (in - lbs) / 5.6 (Nm) NOTE: For assembly of bracket to housing only Manual Release - Charger/ Truck Side * Works with the Battery side to ease mating and unmating connectors. Description Part Numbers Minimum Quantity 25 Bracket and Hardware Kit 994G1 Bracket / Lever Only B00511G4 Hardware Bag 106G6 * Torque value 50 (in lbs) / 5.6 (Nm) NOTE: For assembly of bracket to housing only Use cable ties to secure auxiliary contact leads to one of the main cables. 993G1 111961P1 994G1 B00511G4 |