전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD301AT/KYX 데이터시트(PDF) 8 Page - Microchip Technology

부품명 UPD301AT/KYX
상세설명  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301AT/KYX 데이터시트(HTML) 8 Page - Microchip Technology

Back Button UPD301AT/KYX Datasheet HTML 4Page - Microchip Technology UPD301AT/KYX Datasheet HTML 5Page - Microchip Technology UPD301AT/KYX Datasheet HTML 6Page - Microchip Technology UPD301AT/KYX Datasheet HTML 7Page - Microchip Technology UPD301AT/KYX Datasheet HTML 8Page - Microchip Technology UPD301AT/KYX Datasheet HTML 9Page - Microchip Technology UPD301AT/KYX Datasheet HTML 10Page - Microchip Technology UPD301AT/KYX Datasheet HTML 11Page - Microchip Technology UPD301AT/KYX Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
UPD301A
DS00002838B-page 8
 2018-2019 Microchip Technology Inc.
2.2.2
TWO-PORT APPLICATIONS (E.G., AUTOMOTIVE REAR SEAT CHARGING)
Some applications, such as a automotive rear seat charging port, may need up to two USB Type-C™ power delivery
ports. These ports can be implemented by connecting a UPD301A and a UPD350 via the SPI interface, as shown in
Figure 2-2. The UPD301A will execute the stack for the UPD350. The two-port implementation supports dynamic power
allocation (e.g., go-to power min based on an external input). The integrated DAC from the UPD301A and additional
GPIOs from the UPD350 control the DC-DC converter, selecting the voltages, and control the load switch to regulate
and protect the output voltage. The load switch can also be replaced by discrete FETs and over-current / over-voltage
protection circuits.
FIGURE 2-2:
SYSTEM BLOCK DIAGRAM - TWO-PORT APPLICATION
Microchip
UPD301A
CC1
CC2
VBUS
60W Load 
Switch
DC In
Load Switch
DC‐DC 
Converter
VBUS
60W Load 
Switch
DC In
Load Switch
DC‐DC 
Converter
Microchip
UPD350
CC1
CC2
SPI
M
S
DC In
Configuration 
Straps
BOO T_SEL
DC_DC_SEL
PDP_SEL0
PDP_SEL1
I2C_ADDR_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40