전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8310ARM 데이터시트(PDF) 20 Page - Analog Devices

부품명 AD8310ARM
상세설명  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8310ARM 데이터시트(HTML) 20 Page - Analog Devices

Back Button AD8310ARM Datasheet HTML 16Page - Analog Devices AD8310ARM Datasheet HTML 17Page - Analog Devices AD8310ARM Datasheet HTML 18Page - Analog Devices AD8310ARM Datasheet HTML 19Page - Analog Devices AD8310ARM Datasheet HTML 20Page - Analog Devices AD8310ARM Datasheet HTML 21Page - Analog Devices AD8310ARM Datasheet HTML 22Page - Analog Devices AD8310ARM Datasheet HTML 23Page - Analog Devices AD8310ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8310
Rev. D | Page 20 of 24
EVALUATION BOARD
An evaluation board is available, which has been carefully laid
out and tested to demonstrate the specified high speed
performance of the AD8310. Figure 40 shows the schematic of
the evaluation board, which follows the basic connections
schematic shown in Figure 27.
Connectors INHI, INLO, and VOUT are of the SMA type.
Supply and ground are connected to the TP1 and TP2 vector
pins. The layout and silkscreen for the component side of the
board are shown in Figure 41 and Figure 42. Switches and
component settings for different setups are described in Table 6.
For ordering information, see the Error! Reference source not
found.
.
C2
0.01
µF
INHI ENBL BFIN VPOS
INLO COMM OFLT VOUT
AD8310
123
4
8
765
C4
0.01
µF
C1
0.01
µF
R3
52.3
Ω
SW1
A
B
R4
0
Ω
R1
0
Ω
INHI
INLO
TP2
C7
OPEN
W1
W2
C6
OPEN
R7
OPEN
R6
0
Ω
VOUT
C5
OPEN
C3
OPEN
R5
0
Ω
TP1
VPOS
R2
0
Ω
Figure 40. Evaluation Board Schematic
Figure 41. Layout of the Component Side of the Evaluation Board
Figure 42. Component Side Silkscreen of the Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com