| 전자부품 데이터시트 검색엔진 |
|
74LVC543A 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC543A 데이터시트(HTML) 7 Page - NXP Semiconductors |
|
7 / 12 page ![]() Philips Semiconductors Product specification 74LVC543A Octal D-type registered transceiver (3-State) 1998 Jul 31 7 AC WAVEFORMS VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V. VOL and VOH are the typical output voltage drop that occur with the output load. VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V SY00041 INPUT VM tPHL tPLH VOL VI VM GND VOH OUTPUT Waveform 1. Input (An, Bn) to output (Bn, An) propagation delays. tw tPHL tPLH LEXX INPUT An, Bn OUTPUT VM VM VM VM VM VI GND VOH VOL SA00408 Waveform 2. Latch enable input (LEXX) pulse width and the latch enable input to output (An, Bn) propagation delays. tPLZ tPZL VI OEXX, EXX INPUT GND VCC OUTPUT LOW-to-OFF OFF-to-LOW VOL VOH OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs enabled outputs disabled tPHZ VM VM VM tPZH VX VY SW00210 Waveform 3. 3-State enable and disable times VM An, Bn INPUT VM LEXX, EXX INPUT tSU th NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance. tSU th VI GND VI GND SW00211 Waveform 4. Data setup and hold times for the (An, Bn) input to the LEXX and EXX inputs. TEST CIRCUIT PULSE GENERATOR RT VIN D.U.T. VOUT CL VCC RL=500 Ω SWITCH POSITION TEST SWITCH tPLH/tPHL Open tPLZ/tPZL 2 <VCC tPHZ/tPZH GND Test Circuit for 3-State Outputs Open GND S1 2 <VCC DEFINITIONS VCC t 2.7V 2.7 – 3.6V VIN VCC 2.7V RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators. SW00047 RL=500 Ω Waveform 5. Load circuitry for switching times. |