| 전자부품 데이터시트 검색엔진 |
|
74LVC646A 데이터시트(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC646A 데이터시트(HTML) 4 Page - NXP Semiconductors |
|
4 / 16 page ![]() Philips Semiconductors Product specification 74LVC646A Octal bus transceiver/register (3-State) 1998 Jul 29 4 LOGIC SYMBOL SV00765 3 4 5 6 7 8 9 10 11 1 2 CP AB S AB DIR A 0 A 1 A 2 A 3 A 4 A 5 A 6 A 7 OE 21 B 0 B 1 B 2 B 3 B 4 B 5 B 6 B 7 CP BA S BA 23 22 20 19 18 17 16 15 14 13 LOGIC SYMBOL (IEEE/IEC) SV00764 1 2 1 1 5D 4D 4 5 6 7 8 9 10 11 20 19 18 17 16 15 14 13 6 7 6 7 1 1 G3 21 G7 G6 2 22 C5 C4 1 23 3EN1 3EN2 3 ≥ ≥ FUNCTIONAL DIAGRAM SV00763 B0 20 4 A0 B1 19 5 A1 B2 18 6 A2 B3 17 7 A3 B4 16 8 A4 B5 15 9 A5 OE DIR SAB SBA CPAB CP BA B6 14 10 A6 B7 13 11 A7 23 1 22 2 3 21 |