전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC573 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74LVC573
상세설명  Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC573 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC573 Datasheet HTML 4Page - NXP Semiconductors 74LVC573 Datasheet HTML 5Page - NXP Semiconductors 74LVC573 Datasheet HTML 6Page - NXP Semiconductors 74LVC573 Datasheet HTML 7Page - NXP Semiconductors 74LVC573 Datasheet HTML 8Page - NXP Semiconductors 74LVC573 Datasheet HTML 9Page - NXP Semiconductors 74LVC573 Datasheet HTML 10Page - NXP Semiconductors 74LVC573 Datasheet HTML 11Page - NXP Semiconductors 74LVC573 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
74LVC573A
Octal D-type transparent latch with 5-volt
tolerant inputs/outputs (3-State)
1998 Jul 29
9
SSOP20:
plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12