전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P89V51RC2FBC 데이터시트(PDF) 22 Page - NXP Semiconductors

부품명 P89V51RC2FBC
상세설명  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FBC 데이터시트(HTML) 22 Page - NXP Semiconductors

Back Button P89V51RC2FBC Datasheet HTML 18Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 19Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 20Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 21Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 22Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 23Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 24Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 25Page - NXP Semiconductors P89V51RC2FBC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
22 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Table 12.
ISP hex record formats
Record type
Command/data function
00
Program User Code Memory
:nnaaaa00dd..ddcc
Where:
nn = number of bytes to program
aaaa = address
dd..dd = data bytes
cc = checksum
Example:
:100000000102030405006070809cc
01
End of File (EOF), no operation
:xxxxxx01cc
Where:
xxxxxx = required field but value is a ‘don’t care’
cc = checksum
Example:
:00000001FF
02
Set SoftICE mode
Following the next reset the device will enter the SoftICE mode. Will erase user
code memory, erase device serial number.
:00000002cc
Where:
xxxxxx = required field but value is a ‘don’t care’
cc = checksum
Example:
:00000002FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80