전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

82P33731 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 82P33731
상세설명  Synchronous Equipment Timing Source for 10G/40G/100G Synchronous Ethernet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33731 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button 82P33731 Datasheet HTML 17Page - Renesas Technology Corp 82P33731 Datasheet HTML 18Page - Renesas Technology Corp 82P33731 Datasheet HTML 19Page - Renesas Technology Corp 82P33731 Datasheet HTML 20Page - Renesas Technology Corp 82P33731 Datasheet HTML 21Page - Renesas Technology Corp 82P33731 Datasheet HTML 22Page - Renesas Technology Corp 82P33731 Datasheet HTML 23Page - Renesas Technology Corp 82P33731 Datasheet HTML 24Page - Renesas Technology Corp 82P33731 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
20
©2017 Integrated Device Technology, Inc.
August 28, 2017
82P33731 Datasheet
manually set to go into holdover, the initial frequency accuracy is
4.4X10-8 ppm.
DPLL2_auto_avg = 1: averaged frequency value is used as holdover
frequency. The holdover average bandwidth is about 1.5mHz. In this
mode the initial frequency offset is 1.1e-5ppm assuming that there is no
in-band jitter/wander at the input just before entering holdover state.
3.2.2.2.4 Frequency Offset Limit
The DPLL2 output is limited to be within the DPLL hard limit (refer to
Chapter 3.2.4.3).
3.2.3
INPUT CLOCKS AND FRAME SYNC
The 82P33731 has 14 input clocks that can also be used for frame
sync pulses.
The 82P33731 supports Telecom and Ethernet frequencies from
1PPS up to 650 MHz.
IN1 and IN2 support the AMI input signal only. The input clock is a 64
kHz + 8 kHz or 64 kHz + 8 kHz + 0.4 kHz composite clock. The 400hz_-
sel bit should be set to match the input frequency. Any input violation
that does not meet the standard composite clock structure will trigger an
AMI violation. The AMI violation is indicated by the AMI1_VIOL/
AMI2_VIOLbit, which will trigger an interrupt on INT_REQ pin if there is
an AMI violation and the respective interrupt mask bit is set. By default
the interrupt mask bit is not set.
Any of the input clocks can be used as a frame pulse or sync signal.
The SYNC_sel[3:0] bits in INn_los_sync_cnfg (14 < n < 1) registers sets
which pin is used as frame pulse or sync signal.
IN3 to IN14 can be used for 2 kHz, 4 kHz or 8 kHz frame pulses or
1PPS sync signal.The input frequency should match the setting in the
sync_freq[1:0] bits in DPLL1_input_mode_cnfg register.
3.2.3.1
Input Clock Pre-divider
Each input clock is assigned an internal Pre-divider. The Pre-divider
can be used to divide the clock frequency down to a convenient fre-
quency, such as 8 kHz for the internal DPLL1. Note that T1 and E1 refer-
ences can exhibit substantial jitter with frequencies above 4 kHz. These
references should be applied to DPLL1 without being divided down to 8
kHz.
For IN1 and IN2, the DPLL required frequency is fixed to 8 kHz (i.e.,
the corresponding IN_FREQ[3:0] bits are ‘0000’). The 8 kHz clock is
extracted from the composite clock and the Pre-divider is bypassed
automatically.
For IN3 ~ IN14, the DPLL required frequency is set by the corre-
sponding IN_FREQ[3:0] bits.
Table 8: IN_FREQ[3:0] DPLL Frequency
IN_FREQ[3:0] Bits
DPLL Frequency
0000
8 kHz
0001
1.544 MHz / 2.048 MHz (depends on SONET/ SDH bit)
0010
6.48 MHz
0011–1000
Reserved
1001
2 kHz
1010
4 kHz
1011
1 PPS
1100
6.25 MHz
1101–1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com