| 전자부품 데이터시트 검색엔진 |
|
M28W320CT100ZB6T 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W320CT100ZB6T 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 42 page ![]() 17/42 M28W320CT, M28W320CB Table 16. CFI Query System Interface Information Offset Data Descriptio n 1Bh 0027h VDD Logic Supply Minimum Program/Erase or Write voltage bit 7 to 4 BCD value in volts bit 3 to 0 BCD value in 100 mV 1Ch 0036h VDD Logic Supply Maximum Program/Erase or Write voltage bit 7 to 4 BCD value in volts bit 3 to 0 BCD value in 100 mV 1Dh 00B4h VPP [Programming] Supply Minimum Program/Erase voltage bit 7 to 4 HEX value in volts bit 3 to 0 BCD value in 100 mV Note: This value must be 0000h if no VPP pin is present 1Eh 00C6h VPP [Programming] Supply Maximum Program/Erase voltage bit 7 to 4 HEX value in volts bit 3 to 0 BCD value in 100 mV Note: This value must be 0000h if no VPP pin is present 1Fh 0004h Typical timeout per single byte/word program (multi-byte program count = 1), 2n µs (if supported; 0000h = not supported) 20h 0000h Typical timeout for maximum-size multi-byte program or page write, 2n µs (if supported; 0000h = not supported) 21h 000Ah Typical timeout per individual block erase, 2n ms (if supported; 0000h = not supported) 22h 0000h Typical timeout for full chip erase, 2n ms (if supported; 0000h = not supported) 23h 0004h Maximum timeout for byte/word program, 2n times typical (offset 1Fh) (0000h = not supported) 24h 0000h Maximum timeout for multi-byte program or page write, 2n times typical (offset 20h) (0000h = not supported) 25h 0003h Maximum timeout per individual block erase, 2n times typical (offset 21h) (0000h = not supported) 26h 0000h Maximum timeout for chip erase, 2n times typical (offset 22h) (0000h = not supported) |