| 전자부품 데이터시트 검색엔진 |
|
M48T08 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T08 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 27 page ![]() 25/27 M48T08, M48T08Y, M48T18 PART NUMBERING Table 16. Ordering Information Scheme Note: 1. The M48T08/18 part is offered with the PCDIP28 (e.g., CAPHAT™) package only. 2. The SOIC package (SOH28) requires the SNAPHAT® battery/crystal package which is ordered separately under the part number “M4TXX-BR12SH” in plastic tube or “M4TXX-BR12SHTR” in Tape & Reel form (see Table 17.). The M48T08Y part is offered in the SOH28 (SNAPHAT) package only. Caution: Do not place the SNAPHAT battery package “M4TXX-BR12SH” in conductive foam as it will drain the lithium button-cell bat- tery. For other options, or for more information on any aspect of this device, please contact the ST Sales Office nearest you. Table 17. SNAPHAT Battery Table Example: M48T 18 –100 PC 1 E Device Type M48T Supply Voltage and Write Protect Voltage 08(1) = VCC = 4.75 to 5.5V; VPFD = 4.5 to 4.75V 18/08Y = VCC = 4.5 to 5.5V; VPFD = 4.2 to 4.5V Speed –100 = 100ns –150 = 150ns –10 = 100ns (M48T08Y) Package PC(1) = PCDIP28 MH(2) = SOH28 Temperature Range 1 = 0 to 70°C Shipping Method For SOH28: blank = Tubes (Not for New Design - Use E) E = ECOPACK Package, Tubes F = ECOPACK Package, Tape & Reel TR = Tape & Reel (Not for New Design - Use F) For PCDIP28: blank = ECOPACK Package, Tubes Part Number Description Package M4T28-BR12SH Lithium Battery (48mAh) SNAPHAT SH M4T32-BR12SH Lithium Battery (120mAh) SNAPHAT SH |