전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSP52 데이터시트(PDF) 4 Page - Nexperia B.V. All rights reserved

부품명 BSP52
상세설명  NPN Darlington transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP52 데이터시트(HTML) 4 Page - Nexperia B.V. All rights reserved

  BSP52 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BSP52
NPN Darlington transistor
10. Characteristics
Table 7. Characteristics
Tj = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)CBO
collector-base
breakdown voltage
IC = 100 µA; IE = 0 A
90
-
-
V
V(BR)CES
collector-emitter
breakdown voltage
IC = 2 mA; VBE = 0 V
80
-
-
V
V(BR)EBO
emitter-base
breakdown voltage
IC = 0 A; IE = 100 µA
5
-
-
V
ICES
collector-emitter cut-off
current
VBE = 0 V; VCE = 80 V
-
-
50
nA
IEBO
emitter-base cut-off
current
VEB = 4 V; IC = 0 A
-
-
50
nA
VCE = 10 V; IC = 150 mA
[1]
1000
-
-
hFE
DC current gain
VCE = 10 V; IC = 500 mA
[1]
2000
-
-
-
-
1.3
V
VCEsat
collector-emitter
saturation voltage
IC = 500 mA; IB = 0.5 mA; Tj = 150 °C
-
-
1.3
V
VBEsat
base-emitter saturation
voltage
IC = 500 mA; IB = 0.5 mA
-
-
1.9
V
ton
turn-on time
-
500
-
ns
toff
turn-off time
IC = 500 mA; IBon = 0.5 mA;
IBoff = -0.5 mA
-
1300
-
ns
fT
transition frequency
VCE = 5 V; IC = 500 mA; f = 100 MHz
-
200
-
MHz
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
mgd838
0
5000
1000
2000
3000
4000
10- 1
1
IC (mA)
hFE
10
102
103
VCE = 10 V
Fig. 1. DC current gain; typical values
BSP52
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
23 February 2018
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com