| 전자부품 데이터시트 검색엔진 |
|
BAS35 데이터시트(PDF) 3 Page - Diotec Semiconductor |
|
|
|||||||||||||||||||||||||||||
BAS35 데이터시트(HTML) 3 Page - Diotec Semiconductor |
|
3 / 3 page ![]() All rights reserved The information presented in our data sheets and other docu- ments is to the best of our knowledge true and accurate. It de- scribes the type of component or application and shall not be considered as assured characteristics. No warranty or guaran- tee, expressed or implied is made regarding the capacity, deliv- ery, performance or suitability of any product or circuit etc, nei- ther does it convey any license under the patent rights of oth- ers. Diotec reserves the right to make changes without further notice. However, regular updating of all product information is provided on our website 1). All Diotec products are sold and shipped subject to our “Standard Terms and Conditions of Busi- ness” 2). The reproduction of all documents is prohibited with- out the expressed written permission of Diotec Semiconductor AG's Managing Board. Disclaimer 1. All products described or contained are designed and intend- ed for use in standard applications, so called commercial/indus- trial grade, requiring an ordinary level of reliability. 2. Some products are available with the special grades “AEC- Q101 compliant” respectively “AEC-Q101 qualified”. These are intended for applications up to ASIL B, but not for ASIL C or D 3). 3. Customers using these parts in applications requiring a spe- cial or specific grade of quality or reliability, such as (but not limited to) life supporting medical, defence, aerospace, sub- marines, nuclear power etc, are obliged to validate whether the use in such cases is appropriate. Usage in medical devices is limited to applications with maximum class I according to Regu- lation (EU) 2017/745. Usage in all such cases is on the own and sole risk of the cus- tomer. 4. If these products are to be used in applications requiring a special or specific grade of quality or reliability (refer to item 3.), in which failure or malfunction of the product may directly affect human life or health, user shall contact in advance Diotec Semiconductor AG's Managing Board (Heitersheim, Germany) to confirm that the intended use of the product is appropriate. 5. Although Diotec continuously enhances the quality and relia- bility of its products, customers must incorporate sufficient safe- ty measures in their designs, such as redundancy, fire contain- ment, and anti-failure, so that personal injury, fire or environ- mental damage can be prevented. Diotec excludes explicitly ev- ery implied warranty or liability regarding the fitness of the products to any other than standard applications. 6. All information described or contained herein are subject to change without notice. Please contact Diotec to obtain the lat- est information before incorporating Diotec products into any design. 7. All information described and contained herein are intended only to enable the buyer to order Diotec's products. The infor- mation must not be used for any other purpose. 8. In the event that any product described or contained herein falls under the category of strategic products controlled by the Bundesamt für Wirtschaft und Ausfuhrkontrolle, Germany, this product must not be exported without obtaining an export li- cense from the Bundesministerium für Wirtschaft und Technolo- gie, Germany in accordance with the valid laws. Alle Rechte vorbehalten Die Angaben in unseren Datenblättern und sonstigen Dokumen- ten sind nach bestem Wissen gemacht. Sie dienen jedoch allein der Beschreibung und sind nicht als zugesagte Eigenschaften im Rechts-Sinne zu verstehen. Es wird keine Gewähr bezüglich Lie- fermöglichkeit, Ausführung oder Einsatzmöglichkeit der Bauele- mente übernommen, noch dass die angegebenen Bauelemente, Baugruppen, Schaltungen etc. frei von Schutzrechten sind. Wir behalten uns Änderungen der aufgeführten Daten ohne vor- herige Ankündigung vor. Alle Änderungen werden jedoch regel- mäßig auf unserer Internet-Seite veröffentlicht 1). Verkauf und Lieferung von Diotec-Produkten erfolgt gemäß unseren “Allge- meinen Geschäftsbedingungen” 2). Die Vervielfältigung aller Do- kumente ist nur mit schriftlicher Genehmigung des Vorstandes der Diotec Semiconductor AG gestattet. Haftungsausschluss 1. Alle beschriebenen oder enthaltenen Produkte sind für den Gebrauch in Standardanwendungen mit einem gewöhnlichen Zuverlässigkeitsniveau entworfen und bestimmt, bekannt als kommerziell/industrielle Anwendungen. 2. Einige Produkte sind mit den speziellen Qualifikationen „AEC- Q101 konform“ oder „AEC-Q101 qualifiziert“ erhältlich. Diese sind für Anwendungen bis maximal ASIL B bestimmt, nicht aber für ASIL C oder D 3). 3. Falls diese Produkte in Anwendungen verwendet werden sol- len, die einen besonderen Grad der Qualität oder Zuverlässig- keit erfordern, z. B. (aber nicht begrenzt auf) lebenserhaltende Medizintechnik, Verteidigung, Luft- und Raumfahrt, Unterwas- serfahrzeuge, Nukleartechnik etc. ist der Anwender verpflichtet sicherzustellen, dass der beabsichtigte Gebrauch des vorgese- henen Produktes unbedenklich ist. Die Anwendung in Medizin- produkten ist für Anwendungen mit höchstens Klasse I gemäß Verordnung (EU) 2017/745 zulässig. Der Gebrauch für alle solche Anwendungen erfolgt auf eigenes und ausschließliches Risiko des Anwenders. 4. Falls diese Produkte in Anwendungen verwendet werden sol- len, die einen besonderen Grad der Qualität oder Zuverlässig- keit erfordern (siehe Punkt 3.), insbesondere wenn durch Aus- fall oder eine Störung des Produktes menschliches Leben oder Gesundheit direkt beeinflusst werden kann, muss im Voraus der Vorstand der Diotec Semiconductor AG (Heitersheim, Deutsch- land) bestätigen, dass der beabsichtigte Gebrauch des vorgese- henen Produktes unbedenklich ist. 5. Obwohl Diotec die Qualität und die Zuverlässigkeit seiner Produkte beständig erhöht, müssen Kunden ausreichende Si- cherheitsvorkehrungen in ihren Designs vornehmen – wie Red- undanz, Feuereindämmung und Ausfallschutz – damit Perso- nenschäden, Feuer oder Umweltschädigung verhindert werden können. Diotec schließt ausdrücklich jede implizierte Garantie oder Verbindlichkeit aus, welche die Eignung der Produkte zu ir- gendwelchen anderen als Standardanwendungen betrifft. 6. Alle Informationen, die hier beschrieben oder enthalten sind, können jederzeit ohne jede Benachrichtigung geändert werden. Vor Einsatz eines Diotec Produktes in irgendeiner Anwendung sind bei Diotec die neuesten Informationen einzuholen. 7. Alle Informationen, die hier beschrieben oder enthalten sind, sollen dem Kunden nur ermöglichen, Diotec Produkte zu bestel- len. Die Informationen dürfen zu keinem anderen Zweck ver- wendet werden. 8. Sollte ein hier beschriebenes oder enthaltenes Produkt unter Beschränkungen fallen, die durch das deutsche Bundesamt für Wirtschaft und Ausfuhrkontrolle geregelt werden, darf dieses Produkt in Übereinstimmung mit den gültigen Gesetzen nicht ohne Exportgenehmigung vom deutschen Bundesministerium für Wirtschaft und Technologie exportiert werden. 1 Refer to http://diotec.com/ “Products/Product Changes” respectively “News/Datasheets” Siehe http://diotec.com/ „Produkte/Produktänderungen“ bzw. „News/Datenblätter“ 2 Refer data book or http://diotec.com/ “Company” – Siehe Datenbuch oder http://diotec.com/ „Unternehmen“ 3 Refer to http://diotec.com/ “Products/Information/Qualification/Commercial Grade and AEC-Q101” Siehe http://diotec.com/ „Produkte/Informationen/Qualifizierung/Standard und AEC-Q101“ © Diotec Semiconductor AG http://diotec.com/ Disclaimer |