| 전자부품 데이터시트 검색엔진 |
|
PCF2119RU/2 데이터시트(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119RU/2 데이터시트(HTML) 60 Page - NXP Semiconductors |
|
60 / 68 page ![]() 2003 Jan 30 60 Philips Semiconductors Product specification LCD controllers/drivers PCF2119X 18 BONDING PAD LOCATIONS handbook, full pagewidth MGW572 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 C34 C35 C36 C37 C38 C39 C40 R17DUP C41 C42 C43 C44 C45 C46 C47 C48 C49 C50 C51 C52 C53 C54 C55 C56 C57 C58 C59 C60 C61 C62 C63 C64 C65 C66 C67 C68 C69 C70 C71 C72 C73 C74 C75 C76 C77 C78 C79 C80 R17 R1 R2 R3 R4 R5 R6 R7 R8 dummy (VSS1) C33 C32 C31 C30 C29 C28 C27 C26 C25 C24 C23 C22 C21 C20 C19 C18 C17 C16 C15 C14 C13 C12 C11 C10 C9 C8 C7 C6 C5 C4 C3 C2 C1 R18 R9 R10 R11 R12 R13 R14 R15 R16 dummy (VSS1) x y 49 48 47 46 45 44 43 42 41 40 39 38 1 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 37 36 34 35 VLCD1 VLCD1 VLCD1 VLCD1 VLCD1 VLCD1 VLCD2 VLCD2 VLCD2 VLCD2 VLCD2 VLCD2 VDD1 SCL SCL T3 POR PD SDA SDA RW RS DB0 DB1 DB2 DB3/SA0 DB4 DB5 DB6 DB7 OSC VDD1 VDD1 VDD1 VDD1 VDD1 VDD2 VDD2 VDD2 VDD2 VDD2 VDD2 VDD2 VDD2 VDD3 VDD3 VDD3 VDD3 E T1 T2 VSS1 VSS1 VSS1 VSS1 VSS1 VSS1 VSS1 VSS1 VSS2 VSS2 VSS2 VSS2 VLCD2 VLCDSENSE VSS2 VSS2 1.81 mm 7.64 mm Fig.40 Bonding pad locations. |