전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STG5678BJR 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 STG5678BJR
상세설명  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678BJR 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button STG5678BJR Datasheet HTML 13Page - STMicroelectronics STG5678BJR Datasheet HTML 14Page - STMicroelectronics STG5678BJR Datasheet HTML 15Page - STMicroelectronics STG5678BJR Datasheet HTML 16Page - STMicroelectronics STG5678BJR Datasheet HTML 17Page - STMicroelectronics STG5678BJR Datasheet HTML 18Page - STMicroelectronics STG5678BJR Datasheet HTML 19Page - STMicroelectronics STG5678BJR Datasheet HTML 20Page - STMicroelectronics STG5678BJR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
STG5678
Package mechanical data
Doc ID 14580 Rev 3
17/23
Figure 15.
Footprint recommendation
Table 9.
Mechanical data for Flip-chip 12
Symbol
Millimeters
Min
Typ
Max
A
0.55
0.605
0.66
A1
0.17
0.205
0.24
A2
0.38
0.4
0.42
b
0.215
0.255
0.295
D
1.568
1.598
1.628
D1
–
1.2
–
E
1.168
1.198
1.228
E1
–
0.8
–
e
0.36
0.4
0.44
f
0.189
0.199
0.209
ccc
–
0.05
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23