| 전자부품 데이터시트 검색엔진 |
|
STM32C011X6 데이터시트(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32C011X6 데이터시트(HTML) 33 Page - STMicroelectronics |
|
33 / 94 page ![]() Table 14. Port A alternate function mapping (AF8 to AF15) Port AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 PA8 SPI1_NSS/I2S1_ WS TIM1_CH2N TIM1_CH3N TIM3_CH3 TIM3_CH4 TIM14_CH1 USART1_RX MCO2 PA14 SPI1_NSS/I2S1_ WS USART2_RX TIM1_CH1 MCO2 USART1_RTS_ DE_CK --- Table 15. Port B alternate function mapping (AF0 to AF7) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 PB6 USART1_TX TIM1_CH3 TIM16_CH1N TIM3_CH3 USART1_RTS_ DE_CK USART1_CTS I2C1_SCL I2C1_SMBA PB7 USART1_RX TIM1_CH4 TIM17_CH1N TIM3_CH4 - - I2C1_SDA EVENTOUT Table 16. Port B alternate function mapping (AF8 to AF15) Port AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 PB6 SPI1_MOSI/I2S1 _SD SPI1_MISO/I2S1 _MCK SPI1_SCK/I2S1_ CK TIM1_CH2 TIM3_CH1 TIM3_CH2 TIM16_BKIN TIM17_BKIN PB7 - USART2_CTS TIM16_CH1 TIM3_CH1 - - I2C1_SCL - Table 17. Port C alternate function mapping (AF0 to AF7) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 PC14 USART1_TX TIM1_ETR TIM1_BKIN2 - - - - - PC15 OSC32_EN OSC_EN TIM1_ETR TIM3_CH3 - - - - Table 18. Port C alternate function mapping (AF8 to AF15) Port AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 PC14 IR_OUT USART2_RTS_ DE_CK TIM17_CH1 TIM3_CH2 - - I2C1_SDA EVENTOUT |