전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32U545CE 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STM32U545CE
상세설명  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE 데이터시트(HTML) 5 Page - STMicroelectronics

  STM32U545CE Datasheet HTML 1Page - STMicroelectronics STM32U545CE Datasheet HTML 2Page - STMicroelectronics STM32U545CE Datasheet HTML 3Page - STMicroelectronics STM32U545CE Datasheet HTML 4Page - STMicroelectronics STM32U545CE Datasheet HTML 5Page - STMicroelectronics STM32U545CE Datasheet HTML 6Page - STMicroelectronics STM32U545CE Datasheet HTML 7Page - STMicroelectronics STM32U545CE Datasheet HTML 8Page - STMicroelectronics STM32U545CE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 283 page
background image
DS14216 Rev 1
5/283
STM32U545xx
Contents
7
3.35
Secure advanced encryption standard hardware accelerator (SAES)
and encryption standard hardware accelerator (AES) . . . . . . . . . . . . . . . 69
3.36
HASH hardware accelerator (HASH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
3.37
On-the-fly decryption engine (OTFDEC) . . . . . . . . . . . . . . . . . . . . . . . . . 72
3.38
Public key accelerator (PKA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
3.39
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
3.39.1
Advanced-control timers (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . 74
3.39.2
General-purpose timers (TIM2, TIM3, TIM4, TIM5, TIM15,
TIM16,TIM17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
3.39.3
Basic timers (TIM6 and TIM7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
3.39.4
Low-power timers (LPTIM1, LPTIM2, LPTIM3, LPTIM4) . . . . . . . . . . . . 75
3.39.5
Infrared interface (IRTIM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
3.39.6
Independent watchdog (IWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
3.39.7
Window watchdog (WWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
3.39.8
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
3.40
Real-time clock (RTC), tamper and backup registers . . . . . . . . . . . . . . . 76
3.40.1
Real-time clock (RTC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
3.40.2
Tamper and backup registers (TAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . 77
3.41
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
3.42
Universal synchronous/asynchronous receiver transmitter (USART/UART)
and low-power universal asynchronous receiver transmitter (LPUART) . 80
3.42.1
Universal synchronous/asynchronous receiver transmitter
(USART/UART) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.42.2
Low-power universal asynchronous receiver transmitter (LPUART) . . . 82
3.43
Serial peripheral interface (SPI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
3.44
Serial audio interfaces (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
3.45
Secure digital input/output and MultiMediaCards interface (SDMMC) . . . 85
3.46
Controller area network (FDCAN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
3.47
USB full speed (USB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
3.48
Development support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
3.48.1
Serial-wire/JTAG debug port (SWJ-DP) . . . . . . . . . . . . . . . . . . . . . . . . . 87
3.48.2
Embedded Trace Macrocell . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
4
Pinout, pin description, and alternate functions . . . . . . . . . . . . . . . . . 89
4.1
Pinout/ballout schematics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
4.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More