| 전자부품 데이터시트 검색엔진 |
|
STM32U545CE 데이터시트(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545CE 데이터시트(HTML) 105 Page - STMicroelectronics |
|
105 / 283 page ![]() 17 H10 23 H3 J12 31 M2 17 23 H4 32 M4 PA7 I/O FT_fha - SRDSTOP, TIM1_CH1N, TIM3_CH2, TIM8_CH1N, I2C3_SCL, SPI1_MOSI(boot), USART3_TX, OCTOSPI1_IO2, LPTIM2_CH2, TIM17_CH1, EVENTOUT ADC1_IN12, ADC4_IN20, WKUP8 - - - - - - - - 24 H5 33 K5 PC4 I/O FT_ha - USART3_TX, OCTOSPI1_IO7, EVENTOUT COMP1_INM2, ADC1_IN13, ADC4_IN22 - - - - - - - - 25 H6 34 L5 PC5 I/O FT_at - TIM1_CH4N, SAI1_D3, PSSI_D15, USART3_RX, EVENTOUT COMP1_INP1, ADC1_IN14, ADC4_IN23, WKUP5, TAMP_IN4/ TAMP_OUT5 18 F6 24 H4 G10 32 L3 18 26 F5 35 M5 PB0 I/O TT_ha - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, LPTIM3_CH1, SPI1_NSS, USART3_CK, OCTOSPI1_IO1, LPGPIO1_P9, COMP1_OUT, AUDIOCLK, EVENTOUT ADC1_IN15, ADC4_IN18 19 F4 25 G5 G8 33 M3 19 27 G5 36 M6 PB1 I/O FT_ha - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, LPTIM3_CH2, MDF1_SDI0, USART3_RTS_DE, LPUART1_RTS_DE, OCTOSPI1_IO0, LPGPIO1_P3, LPTIM2_IN1, EVENTOUT COMP1_INM1, ADC1_IN16, ADC4_IN19, WKUP4 Table 27. STM32U545xx pin/ball definitions(1) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |