전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8AF/P6346 데이터시트(PDF) 93 Page - STMicroelectronics

부품명 STM8AF/P6346
상세설명  Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF/P6346 데이터시트(HTML) 93 Page - STMicroelectronics

Back Button STM8AF/P6346 Datasheet HTML 87Page - STMicroelectronics STM8AF/P6346 Datasheet HTML 88Page - STMicroelectronics STM8AF/P6346 Datasheet HTML 89Page - STMicroelectronics STM8AF/P6346 Datasheet HTML 90Page - STMicroelectronics STM8AF/P6346 Datasheet HTML 91Page - STMicroelectronics STM8AF/P6346 Datasheet HTML 92Page - STMicroelectronics STM8AF/P6346 Datasheet HTML 93Page - STMicroelectronics STM8AF/P6346 Datasheet HTML 94Page - STMicroelectronics STM8AF/P6346 Datasheet HTML 95Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 93 / 95 page
background image
DS12343 Rev 2
93/95
STM8AF6366
STM8 development tools
93
13.3
Programming tools
During the development cycle, STice provides in-circuit programming of the STM8A Flash
microcontroller on the user application board via the SWIM protocol. Additional tools are
used to include a low-cost in-circuit programmer as well as ST socket boards, which provide
dedicated programming platforms with sockets for programming the user STM8A.
For production environments, programmers will include a complete range of gang and
automated programming solutions from third-party tool developers already supplying
programmers for the STM8 family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95