전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32U5A5QJ 데이터시트(PDF) 115 Page - STMicroelectronics

부품명 STM32U5A5QJ
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ 데이터시트(HTML) 115 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 111Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 112Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 113Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 114Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 115Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 116Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 117Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 118Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 382 page
background image
Table 27. STM32U5Axxx pin/ball definitions(1)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions
-
1
B3
1
A13
D10
A1
G20
E5
-
1
B3
1
A1
PE2
I/O
FT_ha
-
TRACECLK,
TIM3_ETR, SAI1_CK1,
USART6_CK, LCD_R0,
TSC_G7_IO1,
LPGPIO1_P14,
FMC_A23,
SAI1_MCLK_A,
EVENTOUT
-
-
2
A2
2
D10
G9
D3
E22
C3
-
2
A2
2
D3
PE3
I/O
FT_hat
-
TRACED0, TIM3_CH1,
OCTOSPIM_P1_DQS,
USART6_CTS,
LCD_R1,
TSC_G7_IO2,
LPGPIO1_P15,
FMC_A19,
SAI1_SD_B,
EVENTOUT
TAMP_IN6/
TAMP_OUT3
-
3
B2
3
F10
J9
C2
F21
B2
-
3
B2
3
C2
PE4
I/O
FT_hat
-
TRACED1, TIM3_CH2,
SAI1_D2, MDF1_SDI3,
USART6_RTS_DE,
LCD_B0,
TSC_G7_IO3,
DCMI_D4/PSSI_D4,
FMC_A20, SAI1_FS_A,
EVENTOUT
WKUP1,
TAMP_IN7/
TAMP_OUT8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More