| 전자부품 데이터시트 검색엔진 |
|
STM32U595QJ 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 377 page ![]() Functional overview STM32U59xxx 70/377 DS13633 Rev 1 3.34 Comparators (COMP) The devices embed two rail-to-rail comparators with programmable reference voltage (internal or external), hysteresis and speed (low speed for low power) and with selectable output polarity. The reference voltage can be one of the following: • External I/O • DAC output channels • Internal reference voltage or submultiple (1/4, 1/2, 3/4) All comparators can wake up from Stop 0, Stop 1 and Stop 2 modes, generate interrupts and breaks for the timers and can also be combined into a window comparator. 3.35 Operational amplifiers (OPAMP) The devices embed two operational amplifiers with external or internal follower routing and PGA capability. The operational amplifier features: • Low-input bias current • Low-offset voltage • Low-power mode • Rail-to-rail input 3.36 Multi-function digital filter (MDF) and audio digital filter (ADF) The table below lists the set of features implemented into the MDF and the ADF. Table 18. MDF features MDF modes/features(1) 1. X = supported. ADF1 MDF1 Number of filters (DFLTx) and serial interfaces (SITFx) 1 6 ADF_CKI0 / MDF_CKIy connected to pins - X Sound activity detection (SAD) X - RXFIFO depth (number of 24-bit words) 4 4 ADC connected to ADCITF1 - ADC1 ADC connected to ADCITF2 - ADC2 Motor dedicated features (SCD, OLD, OEC, INT, snapshot, break) - X Main path with CIC4, CIC5 X X Main path with CIC1,2, 3 or FastSinc - X RSFLT, HPF, SAT, SCALE, DLY, Discard functions X X Autonomous in Stop mode X(2) 2. Stop 0, Stop 1 and Stop 2 modes only. X(3) 3. Stop 0 and Stop 1 modes only. |