| 전자부품 데이터시트 검색엔진 |
|
STM32U535NET6QTR 데이터시트(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U535NET6QTR 데이터시트(HTML) 108 Page - STMicroelectronics |
|
108 / 278 page ![]() 33 C3 45 C7 C4 71 D11 33 45 B8 71 A12 PA12 I/O FT_u - TIM1_ETR, SPI1_MOSI, OCTOSPI1_NCS, USART1_RTS_DE, FDCAN1_TX, USB_DP(boot), EVENTOUT - 34 C5 46 C6 D5 72 C12 34 46 A8 72 A11 PA13 (JTMS/ SWDIO) I/O FT (4) JTMS/SWDIO, IR_OUT, USB_NOE, SAI1_SD_B, EVENTOUT - - B2 47 G7 B3 - - - 47 D5 - - VSS S - - - - - A1 48 B8 B1 73 E10 - 48 E5 73 C11 VDDUSB S - - - - 35 - - - - 74 C8 35 - - 74 F12 VSS S - - - - 36 - - H8 A2 75 C10 36 - - 75 G2 VDD S - - - - 37 A5 49 C5 E8 76 C11 37 49 A7 76 A10 PA14 (JTCK/ SWCLK) I/O FT (4) JTCK/SWCLK, LPTIM1_CH1, I2C1_SMBA, I2C4_SMBA, USB_SOF, SAI1_FS_B, EVENTOUT - 38 A3 50 C4 D7 77 B12 38 50 A6 77 A9 PA15 (JTDI) I/O FT (4) JTDI, TIM2_CH1, TIM2_ETR, SPI1_NSS, SPI3_NSS, USART3_RTS_DE, UART4_RTS_DE, EVENTOUT - - - 51 A7 - 78 A12 - 51 B7 78 B11 PC10 I/O FT_ha - TRACED1, LPTIM3_ETR, ADF1_CCK1, SPI3_SCK, USART3_TX(boot), UART4_TX, TSC_G3_IO2, DCMI_D8/PSSI_D8, LPGPIO1_P8, SDMMC1_D2, EVENTOUT - Table 26. STM32U535xx pin/ball definitions(1) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |