| 전자부품 데이터시트 검색엔진 |
|
STM8AF6346ITC 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6346ITC 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 95 page ![]() DS12343 Rev 2 11/95 STM8AF6366 Product line-up 93 3 Product line-up Table 1 presents the line-up of related products available upon request. ² Table 1. STM8AF6366 product line-up Order code Package Medium density Flash program memory (byte) RAM (byte) Data EE (byte) 10-bit A/D ch. Timers (IC/OC/PWM) Serial interfaces I/0 wakeup pins STM8AF/P6368 LQFP48 (7x7) 32 K 2 K 1 K 10 1x8-bit: TIM4 3x16-bit: TIM1, TIM2, TIM3 (9/9/9) LIN(UART), SPI, I²C 38/35 STM8AF/P6348 16 K 0.5 K STM8AF/P6366 LQFP32 (7x7) 32 K 1 K 7 1x8-bit: TIM4 3x16-bit: TIM1, TIM2, TIM3 (8/8/8) LIN(UART), SPI, I²C 25/23 STM8AF/P6346 16 K 0.5 K STM8AF/P6366 VFQFPN32 32 K 1 K 7 1x8-bit: TIM4 3x16-bit: TIM1, TIM2, TIM3 (8/8/8) LIN(UART), SPI, I²C 25/23 STM8AF/P6346 16 K 0.5 K |