전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8AF6388UAY 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 STM8AF6388UAY
상세설명  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388UAY 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button STM8AF6388UAY Datasheet HTML 25Page - STMicroelectronics STM8AF6388UAY Datasheet HTML 26Page - STMicroelectronics STM8AF6388UAY Datasheet HTML 27Page - STMicroelectronics STM8AF6388UAY Datasheet HTML 28Page - STMicroelectronics STM8AF6388UAY Datasheet HTML 29Page - STMicroelectronics STM8AF6388UAY Datasheet HTML 30Page - STMicroelectronics STM8AF6388UAY Datasheet HTML 31Page - STMicroelectronics STM8AF6388UAY Datasheet HTML 32Page - STMicroelectronics STM8AF6388UAY Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
DocID031156 Rev 1
29/116
STM8AF6388
Pinouts and pin description
114
Figure 4. LQFP 64-pin pinout
3. HS stands for high sink capability.
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
VCAP
VDD
VDDIO_1
TIM2_CH3/PA3
USART_RX/PA4
USART_TX/PA5
USART_CK/PA6
AIN15/PF7
AIN14/PF6
AIN13/PF5
AIN12/PF4
NRST
OSCIN/PA1
OSCOUT/PA2
VSSIO_1
PG1
PG0
PC7/SPI_MISO
PC6/SPI_MOSI
VDDIO_2
VSSIO_2
PC5/SPI_SCK
PC4 (HS)/TIM1_CH4
PC3 (HS)/TIM1_CH3
PC2 (HS)/TIM1_CH2
PC1 (HS)/TIM1_CH1
PE5/SPI_NSS
PI0
PG4
PG3
PG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More