전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z0405MH 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 Z0405MH
상세설명  4 A - Triac in IPAK package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0405MH 데이터시트(HTML) 3 Page - STMicroelectronics

  Z0405MH Datasheet HTML 1Page - STMicroelectronics Z0405MH Datasheet HTML 2Page - STMicroelectronics Z0405MH Datasheet HTML 3Page - STMicroelectronics Z0405MH Datasheet HTML 4Page - STMicroelectronics Z0405MH Datasheet HTML 5Page - STMicroelectronics Z0405MH Datasheet HTML 6Page - STMicroelectronics Z0405MH Datasheet HTML 7Page - STMicroelectronics Z0405MH Datasheet HTML 8Page - STMicroelectronics Z0405MH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Table 4. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
Max.
3
°C/W
Rth(j-a)
Junction to ambient
Typ.
70
°C/W
Z0405MH
Characteristics
DS14063 - Rev 1
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com