| 전자부품 데이터시트 검색엔진 |
|
STM32U535CEU6QTR 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U535CEU6QTR 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 278 page ![]() STM32U535xx 2/278 DS14217 Rev 1 • 32 kHz crystal oscillator for RTC (LSE) • Internal 16 MHz factory-trimmed RC (±1%) • Internal low-power 32 kHz RC (±5%) • 2 internal multispeed 100 kHz to 48 MHz oscillators, including one auto-trimmed by LSE (better than ±0.25% accuracy) • Internal 48 MHz with clock recovery • 3 PLLs for system clock, USB, audio, ADC General-purpose input/outputs • Up to 82 fast I/Os with interrupt capability most 5V-tolerant and up to 14 I/Os with independent supply down to 1.08 V Up to 17 timers and 2 watchdogs • 2 16-bit advanced motor-control, 4 32-bit, 5 16-bit, 4 low-power 16-bit (available in Stop mode), 2 SysTick timers and 2 watchdogs • RTC with hardware calendar and calibration Up to 19 communication peripherals • 1 USB full-speed selectable host or device controller • 1 SAI (serial-audio interface) • 4 I2C FM+(1 Mbit/s), SMBus/PMBus® • 5 USARTs (ISO 7816, LIN, IrDA, modem) • 3 SPIs (4x SPIs with OCTOSPI) • 1 CAN FD controller • 1 SDMMC interface • 1 multi-function digital filter (2 filters)+ 1 audio digital filter with sound-activity detection • Parallel synchronous slave interface 16- and 4-channel DMA controllers, functional in Stop mode Graphic features • 1 digital camera interface Mathematical co-processor • CORDIC for trigonometric functions acceleration • Filter mathematical accelerator (FMAC) Up to 20 capacitive sensing channels • Support touch key, linear and rotary touch sensors Rich analog peripherals (independent supply) • 14-bit ADC 2.5-Msps with hardware oversampling • 12-bit ADC 2.5-Msps, with hardware oversampling, autonomous in Stop 2 mode • 2 12-bit DAC, low-power sample and hold • 1 operational amplifier with built-in PGA • 1 ultra-low-power comparator CRC calculation unit Debug • Development support: serial-wire debug (SWD), JTAG, Embedded Trace Macrocell™ (ETM) s Table 1. Device summary Reference Part numbers STM32U535xx STM32U535CB, STM32U535CC, STM32U535CE, STM32U535JE, STM32U535NC, STM32U535NE, STM32U535RB, STM32U535RC, STM32U535RE, STM32U535VC, STM32U535VE |