전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB80NF55-06 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STB80NF55-06
상세설명  N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-06 데이터시트(HTML) 3 Page - STMicroelectronics

  STB80NF55-06 Datasheet HTML 1Page - STMicroelectronics STB80NF55-06 Datasheet HTML 2Page - STMicroelectronics STB80NF55-06 Datasheet HTML 3Page - STMicroelectronics STB80NF55-06 Datasheet HTML 4Page - STMicroelectronics STB80NF55-06 Datasheet HTML 5Page - STMicroelectronics STB80NF55-06 Datasheet HTML 6Page - STMicroelectronics STB80NF55-06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay T ime
Rise Time
VDD =27 V
I D =40 A
RG =4.7
Ω
VGS =10 V
(Resistive Load, see fig. 3)
35
240
ns
ns
Qg
Q gs
Qgd
Tot al G ate Charge
Gat e-Source Charge
Gat e-Drain Charge
VDD =44 V
ID =80 A
VGS = 10 V
178
29
61
230
nC
nC
nC
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay T ime
Fall T ime
VDD = 27 V
ID =40 A
RG =4.7
Ω
VGS =10 V
(Resistive Load, see fig. 3)
260
80
ns
ns
td(off)
tr(Voff)
tf
tc
Turn-off Delay T ime
Off -volt age Rise T ime
Fall T ime
Cross-over Time
VDD =44 V
I D =80 A
RG =4.7
Ω
VGS =10 V
(Induct ive Load, see fig. 5)
225
55
145
205
ns
ns
ns
ns
SOURCE DRAIN DIODE
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ISD
ISDM (
•)
Source-drain Current
Source-drain Current
(pulsed)
80
320
A
A
VSD (
∗)Forward On Voltage
ISD =80 A
VGS =0
1. 5
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 80 A
di/ dt = 100 A/
µs
VDD =20 V
TJ =150
oC
(see t est circuit, f ig. 5)
80
0.24
6
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STB80NF55-06
3/7



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com