전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32C011D4P7 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STM32C011D4P7
상세설명  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4P7 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STM32C011D4P7 Datasheet HTML 29Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 30Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 31Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 32Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 33Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 34Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 35Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 36Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
Table 14. Port A alternate function mapping (AF8 to AF15)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
PA8
SPI1_NSS/I2S1_
WS
TIM1_CH2N
TIM1_CH3N
TIM3_CH3
TIM3_CH4
TIM14_CH1
USART1_RX
MCO2
PA14
SPI1_NSS/I2S1_
WS
USART2_RX
TIM1_CH1
MCO2
USART1_RTS_
DE_CK
---
Table 15. Port B alternate function mapping (AF0 to AF7)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PB6
USART1_TX
TIM1_CH3
TIM16_CH1N
TIM3_CH3
USART1_RTS_
DE_CK
USART1_CTS
I2C1_SCL
I2C1_SMBA
PB7
USART1_RX
TIM1_CH4
TIM17_CH1N
TIM3_CH4
-
-
I2C1_SDA
EVENTOUT
Table 16. Port B alternate function mapping (AF8 to AF15)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
PB6
SPI1_MOSI/I2S1
_SD
SPI1_MISO/I2S1
_MCK
SPI1_SCK/I2S1_
CK
TIM1_CH2
TIM3_CH1
TIM3_CH2
TIM16_BKIN
TIM17_BKIN
PB7
-
USART2_CTS
TIM16_CH1
TIM3_CH1
-
-
I2C1_SCL
-
Table 17. Port C alternate function mapping (AF0 to AF7)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PC14
USART1_TX
TIM1_ETR
TIM1_BKIN2
-
-
-
-
-
PC15
OSC32_EN
OSC_EN
TIM1_ETR
TIM3_CH3
-
-
-
-
Table 18. Port C alternate function mapping (AF8 to AF15)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
PC14
IR_OUT
USART2_RTS_
DE_CK
TIM17_CH1
TIM3_CH2
-
-
I2C1_SDA
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94