전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0C1NET3XTR 데이터시트(PDF) 52 Page - STMicroelectronics

부품명 STM32G0C1NET3XTR
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3XTR 데이터시트(HTML) 52 Page - STMicroelectronics

Back Button STM32G0C1NET3XTR Datasheet HTML 48Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 49Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 50Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 51Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 52Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 53Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 54Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 55Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 159 page
background image
-
-
22
22
H3
30
30 G6
36
49
M11
PB10
I/O
FT_fa
-
CEC, LPUART1_RX, TIM2_CH3, USART3_TX,
SPI2_SCK/I2S2_CK, I2C2_SCL, COMP1_OUT
ADC_IN11
-
-
23
23
F5
31
31
H8
37
50
L11
PB11
I/O
FT_fa
-
SPI2_MOSI/I2S2_SD, LPUART1_TX, TIM2_CH4,
USART3_RX, I2C2_SDA, COMP2_OUT
ADC_IN15
-
-
24
24
E6
32
32 G7
38
51
K10
PB12
I/O
FT_fa
-
SPI2_NSS/I2S2_WS, LPUART1_RTS_DE,
TIM1_BKIN, FDCAN2_RX, TIM15_BKIN,
UCPD2_FRSTX, EVENTOUT, I2C2_SMBA
ADC_IN16
-
-
25
25
H1
33
33 G8
39
52 M12
PB13
I/O
FT_fs
-
SPI2_SCK/I2S2_CK, LPUART1_CTS, TIM1_CH1N,
FDCAN2_TX, USART3_CTS, TIM15_CH1N,
I2C2_SCL, EVENTOUT
-
-
-
26
26
G2
34
34
F6
40
53
K11
PB14
I/O
FT_fs
-
SPI2_MISO/I2S2_MCK, UCPD1_FRSTX,
TIM1_CH2N, USART3_RTS_DE_CK, TIM15_CH1,
I2C2_SDA, EVENTOUT, USART6_RTS_DE_CK
-
-
1727
27
F3
3535
F7
41
54
J10
PB15
I/O
FT_fcs
(3)
SPI2_MOSI/I2S2_SD, TIM1_CH3N, TIM15_CH1N,
TIM15_CH2, EVENTOUT, USART6_CTS
UCPD1_CC2, RTC_REFIN
18
18
28
28
F1
36
36
F8
42
55
L12
PA8
I/O
FT_fcs
(3)
MCO, SPI2_NSS/I2S2_WS, TIM1_CH1,
CRS1_SYNC, LPTIM2_OUT, EVENTOUT,
I2C2_SMBA
UCPD1_CC1
19
19
29
29
E4
37
37
E6
43
56
H10
PA9
I/O
FT_fds
(3)
MCO, USART1_TX, TIM1_CH2,
SPI2_MISO/I2S2_MCK, TIM15_BKIN, I2C1_SCL,
EVENTOUT, I2C2_SCL
UCPD1_DBCC1
20
-
30
-
D5
38
38
E7
44
57
J11
PC6
I/O
FT_s
-
UCPD1_FRSTX, TIM3_CH1, TIM2_CH3,
LPUART2_TX
-
-
-
31
-
D3
39
39
E5
45
58
K12
PC7
I/O
FT_s
-
UCPD2_FRSTX, TIM3_CH2, TIM2_CH4,
LPUART2_RX
-
Table 12. Pin assignment and description (continued)
Pin number
Pin name
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More