전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0C1NET3XTR 데이터시트(PDF) 158 Page - STMicroelectronics

부품명 STM32G0C1NET3XTR
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3XTR 데이터시트(HTML) 158 Page - STMicroelectronics

Back Button STM32G0C1NET3XTR Datasheet HTML 151Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 152Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 153Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 154Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 155Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 156Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 157Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 158Page - STMicroelectronics STM32G0C1NET3XTR Datasheet HTML 159Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 158 / 159 page
background image
Revision history
STM32G0C1xC/xE
158/159
DS13564 Rev 4
8
Revision history
Table 94. Document revision history
Date
Revision
Changes
13-Nov-2020
1
Initial release.
18-Nov-2021
2
Updated last paragraph in Section 2: Description;
Updated Table 12: Pin assignment and description;
Updated Table 66: VREFBUF characteristics;
Missing package marking examples added in Section 6:
Package information and Figure 42: LQFP32 package
marking example corrected;
Section 6.5: WLCSP52 package information updated;
Updated example in Section 6.11.2: Selecting the
product temperature range;
Section 6.11: Thermal characteristics - improved
UFBGA100, UFBGA64, and LQFP80
ΘJAvalues as a
result of characterization.
18-Jan-2022
3
Updated Figure 3 to Figure 6 and Figure 9 to Figure 12:
marking of VDDIO2-only supplied pins corrected.
I/O type “_s” added to Table 11: Terms and symbols
used in Table 12 and Table 12: Pin assignment and
description.
12-Dec-2022
4
Added HSI48 in features on the cover page and in
Figure 1: Block diagram;
Updated Table 2: Features and peripheral counts;
Updated Table 12: Pin assignment and description
(UFBGA80 corrected to LQFP80) in the header;
Updated Figure 51: WLCSP52 package marking
example.
Updated Figure 58: LQFP80 package outline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More