전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32C011D4Y3 데이터시트(PDF) 94 Page - STMicroelectronics

부품명 STM32C011D4Y3
상세설명  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4Y3 데이터시트(HTML) 94 Page - STMicroelectronics

Back Button STM32C011D4Y3 Datasheet HTML 86Page - STMicroelectronics STM32C011D4Y3 Datasheet HTML 87Page - STMicroelectronics STM32C011D4Y3 Datasheet HTML 88Page - STMicroelectronics STM32C011D4Y3 Datasheet HTML 89Page - STMicroelectronics STM32C011D4Y3 Datasheet HTML 90Page - STMicroelectronics STM32C011D4Y3 Datasheet HTML 91Page - STMicroelectronics STM32C011D4Y3 Datasheet HTML 92Page - STMicroelectronics STM32C011D4Y3 Datasheet HTML 93Page - STMicroelectronics STM32C011D4Y3 Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 94 / 94 page
background image
STM32C011x4/x6
94/94
DS13866 Rev 3
IMPORTANT NOTICE – READ CAREFULLY
STMicroelectronics NV and its subsidiaries (“ST”) reserve the right to make changes, corrections, enhancements, modifications, and
improvements to ST products and/or to this document at any time without notice. Purchasers should obtain the latest relevant information on
ST products before placing orders. ST products are sold pursuant to ST’s terms and conditions of sale in place at the time of order
acknowledgment.
Purchasers are solely responsible for the choice, selection, and use of ST products and ST assumes no liability for application assistance or
the design of purchasers’ products.
No license, express or implied, to any intellectual property right is granted by ST herein.
Resale of ST products with provisions different from the information set forth herein shall void any warranty granted by ST for such product.
ST and the ST logo are trademarks of ST. For additional information about ST trademarks, refer to www.st.com/trademarks. All other product
or service names are the property of their respective owners.
Information in this document supersedes and replaces information previously supplied in any prior versions of this document.
© 2022 STMicroelectronics – All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94