| 전자부품 데이터시트 검색엔진 |
|
ICM7170IBG 데이터시트(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICM7170IBG 데이터시트(HTML) 10 Page - Renesas Technology Corp |
|
10 / 14 page ![]() ICM7170 FN3019 Rev.6.00 Page 10 of 14 Nov 2003 The new load configuration (Figure 6) allows these two conditions to be met independently. The two load capacitors, C1 and C2, provide a fixed load to the oscillator and crystal. C3 adjusts the frequency that the circuit resonates at by reducing the effective value of the crystal's motional capacitance, C0. This minute adjustment does not appreciably change the load of the overall system, therefore, stability is no longer affected by tuning. Typical values for these capacitors are shown in Table 5. C1 and C2 must always be greater than twice the crystal’s recommended load capacitance in order for C3 to be able to trim the frequency. Some experimentation may be necessary to determine the ideal values of C1 and C2 for a particular crystal. This three capacitor tuning method will be more stable than the original design and is mandatory for 32kHz tuning fork crystals: without it they may leap into an overtone mode when power is initially applied. The original two-capacitor circuit (Figure 8) will continue to work as well as it always has, and may continue to be used in applications where cost or space is a critical consideration. It is also easier to tune to frequency since one end of the trimmer capacitor is fixed at the AC ground of the circuit (VDD), minimizing the disturbance cause by contact between the adjustment tool and the trimmer capacitor. Note that in both configurations the load capacitors are connected between the oscillator pins and VDD - do not use VSS as an AC ground. Layout: Due to the extremely low current (and therefore high impedance) design of the ICM7170s oscillator, special attention must be given to the layout of this section. Stray capacitance should be minimized. Keep the oscillator traces on a single layer of the PCB. Avoid putting a ground plane above or below this layer. The traces between the crystal, the capacitors, and the ICM7170 OSC pins should be as short as possible. Completely surround the oscillator components with a thick trace of VDD to minimize coupling with any digital signals. The final assembly must be free from contaminants such as solder flux, moisture, or any other potential sources of leakage. A good solder mask will help keep the traces free of moisture and contamination over time. Oscillator Tuning Trimming the oscillator should be done indirectly. Direct monitoring of the oscillator frequency by probing OSC IN or OSC OUT is not accurate due to the capacitive loading of most probes. One way to accurately trim the ICM7170 is by turning on the 1 second periodic interrupt and trimming the oscillator until the interrupt period is exactly one second. This can be done as follows: 1.Turn on the system. Write a 00H to the Interrupt Mask Register (lo- cation 10H) to clear all interrupts. 2. Set the Command Register (location 11H) for the appropriate crystal frequency, set the Interrupt Enable and Run/Stop bits to 1, and set the Test bit to 0. 3. Write a 08H to the Interrupt Mask Register to turn on the 1s interrupt. 4. Write an interrupt handler to read the Interrupt Status Register after every interrupt. This resets the interrupt and allows it to be set again. A software loop that reads the Interrupt Status Register several times each second will accomplish this also. 5. Connect a precision period counter capable of measuring 1s within the accuracy desired to the interrupt output. If the interrupt is configured as active low, trigger on the falling edge. If the interrupt is active high, trigger on the rising edge. Be sure to measure the period between when the transistor turns ON, and when the transistor turns ON a second later. 6. Adjust C3 (C2 for the two-capacitor load configuration) for an interrupt period of exactly 1.000000 seconds. Application Notes Digital Input Termination During Backup To ensure low current drain during battery backup operation, none of the digital inputs to the ICM7170 should be allowed to float. This keeps the input logic gates out of their transition region, and prevents crossover current from flowing which will shorten battery life. The address, data, CS, and ALE pins should be pulled to either VDD or VSS, and the RD and WR inputs should be pulled to VDD. This is necessary whether the internal battery switchover circuit is used or not. IBM/PC Evaluation Circuit Figure 9 shows the schematic of a board that has been designed to plug into an IBM PC/XT (Note 1) or compatible computer. In this example CS is permanently tied low and access to the chip is controlled by the RD and WR pins. These signals are generated by U1, which gates the IBM’s lOR and lOW with a device select signal from U3, which is functioning as an I/O block address decoder. DS1 selects the interrupt priority. TABLE 5. TYPICAL LOAD CAPACITOR VALUES CRYSTAL FREQUENCY LOAD CAPS (C1, C2) TRIMMER CAP (C3) 32kHz 33pF 5 - 50pF 1MHz 33pF 5 - 50pF 2MHz 25pF 5 - 50pF 4MHz 22pF 5 - 100pF OSC IN 10 ICM7170 OSC OUT VDD 23 C1 C2 X1 9 VDD C12 x LOAD C2 5pF - 35pF FIGURE 8. ORIGINAL OSCILLATOR CONFIGURATION |