| 전자부품 데이터시트 검색엔진 |
|
STM32C011F6P3 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32C011F6P3 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 94 page ![]() DS13866 Rev 3 29/94 STM32C011x4/x6 Pinouts, pin description and alternate functions 31 Note Upon reset, all I/Os are set as analog inputs, unless otherwise specified. Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 11. Terms and symbols used in Table 12 (continued) Column Symbol Definition Table 12. Pin assignment and description Pin Pin name (function upon reset) Alternate functions Additional functions 1B3 2 20 PC14- OSCX_IN (PC14) I/O FT - USART1_TX, TIM1_ETR, TIM1_BKIN2, IR_OUT, USART2_RTS_DE_CK, TIM17_CH1, TIM3_CH2, I2C1_SDA, EVENTOUT OSCX_IN 8A4 3 1 PC15- OSCX_OUT (PC15) I/O FT - OSC32_EN, OSC_EN, TIM1_ETR, TIM3_CH3 OSCX_OUT 2 C4 4 2 VDD/VDDA S - - - - 3 E4 5 3 VSS/VSSA S - - - - 4 F3 6 4 PF2-NRST I/O - - MCO, TIM1_CH4 NRST 4F3 7 5 PA0 I/O FT - USART2_CTS, TIM16_CH1, USART1_TX, TIM1_CH1 ADC_IN0, WKUP1 4F3 8 6 PA1 I/O FT - SPI1_SCK/I2S1_CK, USART2_RTS_DE_CK, TIM17_CH1, USART1_RX, TIM1_CH2, I2C1_SMBA, EVENTOUT ADC_IN1 4F3 9 7 PA2 I/O FT - SPI1_MOSI/I2S1_SD, USART2_TX, TIM16_CH1N, TIM3_ETR, TIM1_CH3 ADC_IN2, WKUP4,LSCO -F1 10 8 PA3 I/O FT - USART2_RX, TIM1_CH1N, TIM1_CH4, EVENTOUT ADC_IN3 -F1 11 9 PA4 I/O FT - SPI1_NSS/I2S1_WS, USART2_TX, TIM1_CH2N, TIM14_CH1, TIM17_CH1N, EVENTOUT ADC_IN4, RTC_TS, RTC_OUT1, WKUP2 |