전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8AF6388TAU 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 STM8AF6388TAU
상세설명  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388TAU 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button STM8AF6388TAU Datasheet HTML 35Page - STMicroelectronics STM8AF6388TAU Datasheet HTML 36Page - STMicroelectronics STM8AF6388TAU Datasheet HTML 37Page - STMicroelectronics STM8AF6388TAU Datasheet HTML 38Page - STMicroelectronics STM8AF6388TAU Datasheet HTML 39Page - STMicroelectronics STM8AF6388TAU Datasheet HTML 40Page - STMicroelectronics STM8AF6388TAU Datasheet HTML 41Page - STMicroelectronics STM8AF6388TAU Datasheet HTML 42Page - STMicroelectronics STM8AF6388TAU Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
DocID031156 Rev 1
39/116
STM8AF6388
Pinouts and pin description
114
6.2
Alternate function remapping
As shown in the rightmost column of Table 9, some alternate functions can be remapped at
different I/O ports by programming one of eight AFR (alternate function remap) option bits.
Refer to Section 9: Option bytes on page 54. When the remapping option is active, the
default alternate function is no longer available.
To use an alternate function, the corresponding peripheral must be enabled in the peripheral
registers.
Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the
GPIO section of STM8S series and STM8AF series 8-bit microcontrollers reference manual,
RM0016).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More