| 전자부품 데이터시트 검색엔진 |
|
STM32G0C1NET3X 데이터시트(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET3X 데이터시트(HTML) 50 Page - STMicroelectronics |
|
50 / 159 page ![]() 10 10 14 14 H11 20 20 F3 22 28 K4 PA3 I/O FT_ea - SPI2_MISO/I2S2_MCK, USART2_RX, TIM2_CH4, UCPD2_FRSTX, TIM15_CH2, LPUART1_RX, EVENTOUT COMP2_INP2, ADC_IN3 - - 15 15 G10 21 21 H4 23 29 L3 PA4 I/O TT_a - SPI1_NSS/I2S1_WS, SPI2_MOSI/I2S2_SD, USB_NOE, USART6_TX, TIM14_CH1, LPTIM2_OUT, UCPD2_FRSTX, EVENTOUT, SPI3_NSS ADC_IN4, DAC1_OUT1, RTC_OUT2 11 11 - --- - - - - - PA4 I/O TT_a - SPI1_NSS/I2S1_WS, SPI2_MOSI/I2S2_SD, USB_NOE, USART6_TX, TIM14_CH1, LPTIM2_OUT, UCPD2_FRSTX, EVENTOUT, SPI3_NSS ADC_IN4, DAC1_OUT1, TAMP_IN1, RTC_TS, RTC_OUT1, WKUP2 12 12 16 16 F9 22 22 G4 24 30 M2 PA5 I/O TT_ea - SPI1_SCK/I2S1_CK, CEC, TIM2_CH1_ETR, USART6_RX, USART3_TX, LPTIM2_ETR, UCPD1_FRSTX, EVENTOUT ADC_IN5, DAC1_OUT2 13 13 17 17 F7 23 23 F4 25 31 M3 PA6 I/O FT_ea - SPI1_MISO/I2S1_MCK, TIM3_CH1, TIM1_BKIN, USART6_CTS, USART3_CTS, TIM16_CH1, LPUART1_CTS, COMP1_OUT, I2C2_SDA, I2C3_SDA ADC_IN6 14 14 18 18 H9 24 24 E4 26 32 K5 PA7 I/O FT_a - SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM1_CH1N, USART6_RTS_DE_CK, TIM14_CH1, TIM17_CH1, UCPD1_FRSTX, COMP2_OUT, I2C2_SCL, I2C3_SCL ADC_IN7 - - - - G8 25 25 H5 2733L4 PC4 I/O FT_a - USART3_TX, USART1_TX, TIM2_CH1_ETR, FDCAN1_RX COMP1_INM7, ADC_IN17 --- - G6 26 26 H6 28 34 M4 PC5 I/O FT_a - USART3_RX, USART1_RX, TIM2_CH2, FDCAN1_TX COMP1_INP0, ADC_IN18, WKUP5 Table 12. Pin assignment and description (continued) Pin number Pin name Alternate functions Additional functions |