전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACTS74K 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 ACTS74K
상세설명  Radiation Hardened Dual D Flip Flop with Set and Reset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACTS74K 데이터시트(HTML) 1 Page - Renesas Technology Corp

  ACTS74K Datasheet HTML 1Page - Renesas Technology Corp ACTS74K Datasheet HTML 2Page - Renesas Technology Corp ACTS74K Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TM
ACTS74MS
Radiation Hardened Dual D
Flip Flop with Set and Reset
Pinouts
14 PIN CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR CDIP2-T14,
LEAD FINISH C
TOP VIEW
14 PIN CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR CDFP3-F14,
LEAD FINISH C
TOP VIEW
R1
D1
CP1
S1
Q1
Q1
GND
VCC
R2
D2
CP2
S2
Q2
Q2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
R1
D1
CP1
S1
Q1
Q1
GND
VCC
R2
D2
CP2
S2
Q2
Q2
Features
• Devices QML Qualified in Accordance with MIL-PRFF-38535
• Detailed Electrical and Screening Requirements are Contained in
SMD# 5962-96713 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day
(Typ)
• SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg
• Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability . . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range . . . . . . . . . . . . . . . . . . -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current
≤ 1µA at VOL, VOH
• Fast Propagation Delay . . . . . . . . . . . . . . . . 20ns (Max), 13ns (Typ)
Description
The Intersil ACTS74MS is a Radiation Hardened Dual D Flip Flop with
Set(s) and Reset (R). The logic level at data input is transferred to the
output during the positive transition of the clock. The Set and Reset are
independent from the clock and accomplished by a low level on the
appropriate input.
The ACTS74MS utilizes advanced CMOS/SOS technology to achieve
high-speed operation. This device is a member of a radiation hardened,
high-speed, CMOS/SOS Logic Family.
The ACTS74MS is supplied in a 14 lead Ceramic Flatpack (K suffix) or a
14 Lead Ceramic Dual-In-Line Package (D suffix).
January 1996
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962F9671301VCC
-55oC to +125oC
MIL-PRF-38535 Class V
14 Lead SBDIP
5962F9671301VXC
-55oC to +125oC
MIL-PRF-38535 Class V
14 Lead Ceramic Flatpack
ACTS74D/Sample
25
oC
Sample
14 Lead SBDIP
ACTS74K/Sample
25oC
Sample
14 Lead Ceramic Flatpack
ACTS74HMSR
25oCDie
Die
Spec Number
518787
File Number
3382.1
itle
CTS
MS)
b-
t
adia-
n
rd-
ed
al D
p
p
th
t and
set)
thor
ey-
rds
ter-
mi-
n-
ctor,
dia-
n
rd-
ed,
,
d
rd,
L,
tel-
,
D,
ass
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, All Rights Reserved


유사한 부품 번호 - ACTS74K

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ACTS74K INTERSIL-ACTS74K Datasheet
115Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
More results

유사한 설명 - ACTS74K

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ACS109MS INTERSIL-ACS109MS Datasheet
39Kb / 2P
Radiation Hardened Dual J-K Flip-Flop with Set and Reset
July 1999
HCS74MS INTERSIL-HCS74MS Datasheet
175Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCS74T INTERSIL-HCS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
HCTS74MS INTERSIL-HCTS74MS Datasheet
176Kb / 10P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74T INTERSIL-HCTS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
ACTS74MS INTERSIL-ACTS74MS Datasheet
115Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
Dual D Flip-Flop with Set and Reset
logo
Renesas Technology Corp
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74MS RENESAS-HCTS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com