전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0C1NET7 데이터시트(PDF) 60 Page - STMicroelectronics

부품명 STM32G0C1NET7
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 데이터시트(HTML) 60 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 56Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 57Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 58Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 59Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 60Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 61Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 62Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 63Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 159 page
background image
PB14
SPI2_MISO/
I2S2_MCK
UCPD1_FRSTX
TIM1_CH2N
-
USART3_RTS
_DE_CK
TIM15_CH1
I2C2_SDA
EVENTOUT
PB15
SPI2_MOSI/
I2S2_SD
-
TIM1_CH3N
-
TIM15_CH1N
TIM15_CH2
-
EVENTOUT
Table 15. Port B alternate function mapping (AF0 to AF7) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
Table 16. Port B alternate function mapping (AF8 to AF15)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
PB0
USART5_TX
-
LPUART2_CTS
-----
PB1
USART5_RX
-
LPUART2_RTS
_DE
-----
PB2
-
-------
PB3
I2C2_SCL
SPI3_SCK
------
PB4
I2C2_SDA
SPI3_MISO
------
PB5
USART5_RTS
_DE_CK
SPI3_MOSI
------
PB6
USART5_CTS
TIM4_CH1
LPUART2_TX
-----
PB7
-
TIM4_CH2
LPUART2_RX
-----
PB8
USART6_TX
TIM4_CH3
------
PB9
USART6_RX
TIM4_CH4
------
PB10
-
-------
PB11
-
-------
PB12
I2C2_SMBA
-------
PB13
-
-------
PB14
USART6_RTS
_DE_CK
-------
PB15
USART6_CTS
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More