전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC210 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 TSC210
상세설명  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button TSC210 Datasheet HTML 23Page - STMicroelectronics TSC210 Datasheet HTML 24Page - STMicroelectronics TSC210 Datasheet HTML 25Page - STMicroelectronics TSC210 Datasheet HTML 26Page - STMicroelectronics TSC210 Datasheet HTML 27Page - STMicroelectronics TSC210 Datasheet HTML 28Page - STMicroelectronics TSC210 Datasheet HTML 29Page - STMicroelectronics TSC210 Datasheet HTML 30Page - STMicroelectronics TSC210 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
SC70-6 package information
Figure 50. SC70-6 package outline
Table 7. SC70-6 mechanical data
Symbol
Milimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.10
0.037
0.041
A1
0
0.10
0.000
0.004
A2
0.80
1.00
0.035
0.039
b
0.15
0.30
0.008
0.010
c
0.10
0.18
0.004
0.004
D
1.80
2.20
0.078
0.086
E
1.15
1.35
0.050
0.052
e
0.65
0.025
0.026
HE
1.8
2.4
0.083
0.090
L
0.10
0.40
0.013
0.015
Q1
0.10
0.40
0.011
0.013
1. Values in inches are converted from mm and rounded to 4 decimal digits.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Package information
DS13237 - Rev 6
page 27/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38