| 전자부품 데이터시트 검색엔진 |
|
SL2ICS50 데이터시트(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2ICS50 데이터시트(HTML) 14 Page - NXP Semiconductors |
|
14 / 28 page ![]() 136430 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.0 — 14 March 2007 14 of 28 NXP Semiconductors SL2 ICS50/SL2 ICS51 I•CODE SLI-L/I•CODE SLI-L HC PUBLIC 8.1.3.5 Destroy SLI- L Command Code = B9h With the Destroy SLI- L command the I•CODE SLI-L/I•CODE SLI-L HC Label IC can be destroyed if the Destroy SLI- L password has been transmitted before. This command is irreversible and the I•CODE SLI-L/I•CODE SLI-L HC will never respond to any command again (ISO commands). Remark: The Destroy SLI- L can only be executed in addressed or selected mode. Table 20. Request format SOF Flags Destroy SLI- L IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits 16 bits 8 bits Table 21. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 22. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits 8.1.3.6 Enable privacy Command Code = BAh With the Enable Privacy command the I•CODE SLI-L/I•CODE SLI-L HC Label IC can be set into the Privacy mode. The I•CODE SLI-L/I•CODE SLI-L HC will not respond to any command except Get Random Number and Set Password. To get out of the Privacy Status the valid Privacy password has to be transmitted to the IC with the Set Password command. Table 23. Request format SOF Flags Enable Privacy IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits Table 24. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 25. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits |