전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC1283 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 ADC1283
상세설명  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button ADC1283 Datasheet HTML 10Page - STMicroelectronics ADC1283 Datasheet HTML 11Page - STMicroelectronics ADC1283 Datasheet HTML 12Page - STMicroelectronics ADC1283 Datasheet HTML 13Page - STMicroelectronics ADC1283 Datasheet HTML 14Page - STMicroelectronics ADC1283 Datasheet HTML 15Page - STMicroelectronics ADC1283 Datasheet HTML 16Page - STMicroelectronics ADC1283 Datasheet HTML 17Page - STMicroelectronics ADC1283 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
6
Registers and input channel
Table 5. Control register bits
Bit #
7 (MSB)
6
5
4
3
2
1
0
Symbol
DONTC
DONTC
ADD2
ADD1
ADD0
DONTC
DONTC
DONTC
Table 6. Control register bit description
Bit #
Symbol
Description
7, 6, 2, 1, 0
DONTC
Don’t care
5
ADD2
These bits determine which input channel is converted, as per Table 7.
4
ADD1
3
ADD0
Table 7. Input channel description
ADD2
ADD1
ADD0
Address value (h)
Input channel
0
0
0
00
IN0
0
0
1
08
IN1
0
1
0
10
IN2
0
1
1
18
IN3
1
0
0
20
IN4
1
0
1
28
IN5
1
1
0
30
IN6
1
1
1
38
IN7
ADC1283
Registers and input channel
DS13932 - Rev 1
page 14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24