전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLUENRG-LPS 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 BLUENRG-LPS
상세설명  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button BLUENRG-LPS Datasheet HTML 53Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 54Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 55Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 56Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 57Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 58Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 59Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 60Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Table 46. WLCSP36 - Example of PCB design rules
Dimension
Values
Pitch
0.4 mm
Dpad
0.225 mm
Dsm
0.290 mm typ. (depends on soldermask registration tolerance)
Stencil opening
0.250 mm
Stencil thickness
0.100 mm
BlueNRG-LPS
WLCSP36 package information (01C1)
DS13819 - Rev 4
page 57/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com