전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLUENRG-332VT 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 BLUENRG-332VT
상세설명  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VT 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button BLUENRG-332VT Datasheet HTML 43Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 44Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 45Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 46Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 47Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 48Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 49Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 50Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
Table 36. Output voltage characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
VOL
Output low level voltage for I/O pin
CMOS port(1) |IIO| = 8 mA VDD ≥ 2.7 V
-
0.4
V
VOH
Output high level voltage for I/O pin
VDD -0.4
-
VOL
Output low level voltage for I/O pin
|IIO| = 20 mA VDD ≥ 2.7 V
-
1.3
VOH
Output high level voltage for I/O pin
VDD -1.3
-
VOL
Output low level voltage for I/O pin
|IIO| = 4 mA VDD ≥ 1.62 V
-
0.4
VOH
Output high level voltage for I/O pin
VDD-0.45
-
1. CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
6.3.17
RSTN pin characteristics
The RSTN pin input driver uses CMOS technology. It is connected to a permanent pull-up resistor, RPU.
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature and supply voltage conditions summarized in Section 6.3.2 General operating conditions.
Table 37. RSTN pin characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit.
VIL(RSTN)
RSTN input low level voltage
-
-
-
0.3 x VDD
V
VIH(RSTN)
RSTN input high level voltage
-
0.7 x VDD
-
-
Vhys(RSTN)
RSTN Schmitt trigger voltage hysteresis
-
-
200
-
mV
RPU
Weak pull-up equivalent resistor
VIN=GND
25
40
55
kΩ
Figure 14. Recommended RSTN pin protection
Note:
The external reset circuit protects the device against parasitic resets.
The user must ensure that the level on the RSTN pin can go below the VIL(RSTN) max. level specified in the
table, otherwise the reset is not taken into account by the device. The external capacitor on RSTN must be
placed as close as possible to the device.
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 47/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com