전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLT03-1SC3 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 CLT03-1SC3
상세설명  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 14Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 15Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 16Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 17Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 18Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 19Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 20Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 21Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
9.2
QFN-16L 4.0 x 2.0 package information
Figure 22. QFN-16L 4.0 x 2.0 package outline
Table 11. QFN-16L 4.0 x 2.0 package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.0315
0.0354
0.0394
A1
0.02
0.05
0.0008
0.0020
A3
0.20
0.008
B
0.18
0.25
0.30
0.0071
0.0100
0.0118
D
3.95
4.00
4.05
0.1555
0.1574
0.1594
E
1.95
2.00
2.05
0.0768
0.0787
0.0807
D2
1.25
1.40
1.51
0.0492
0.0551
0.0594
E2
0.70
0.85
0.95
0.0276
0.0334
0.0374
e
0.50
0.0197
K
0.15
0.0059
L
0.20
0.30
0.40
0.0079
0.0118
0.0157
1. Values in inches are converted from mm and rounded to 4 decimal digits.
CLT03-2Q3, CLT03-1SC3
QFN-16L 4.0 x 2.0 package information
DS12302 - Rev 13
page 18/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24