전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILPS28QSW 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 ILPS28QSW
상세설명  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 44Page - STMicroelectronics ILPS28QSW Datasheet HTML 45Page - STMicroelectronics ILPS28QSW Datasheet HTML 46Page - STMicroelectronics ILPS28QSW Datasheet HTML 47Page - STMicroelectronics ILPS28QSW Datasheet HTML 48Page - STMicroelectronics ILPS28QSW Datasheet HTML 49Page - STMicroelectronics ILPS28QSW Datasheet HTML 50Page - STMicroelectronics ILPS28QSW Datasheet HTML 51Page - STMicroelectronics ILPS28QSW Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
List of tables
Table 1.
Pin description...................................................................... 4
Table 2.
Pressure and temperature sensor characteristics .............................................. 5
Table 3.
Absolute pressure accuracy at different full-scale modes......................................... 6
Table 4.
Electrical characteristics ............................................................... 7
Table 5.
Electrical parameters of Qvar (@Vdd = 1.8 V, T = 25 °C) ........................................ 7
Table 6.
Input impedance of Qvar............................................................... 7
Table 7.
DC characteristics ................................................................... 8
Table 8.
I²C slave timing values ................................................................ 9
Table 9.
Absolute maximum ratings ............................................................ 10
Table 10.
Potting gel properties ................................................................ 12
Table 11.
Metal lid and pin 7 connections ......................................................... 22
Table 12.
Serial interface pin description .......................................................... 24
Table 13.
I²C terminology .................................................................... 24
Table 14.
SAD+read/write patterns.............................................................. 25
Table 15.
Transfer when master is writing one byte to slave............................................. 25
Table 16.
Transfer when master is writing multiple bytes to slave ......................................... 25
Table 17.
Transfer when master is receiving (reading) one byte of data from slave ............................. 25
Table 18.
Transfer when master is receiving (reading) multiple bytes of data from slave ......................... 25
Table 19.
MIPI I3CSM CCC commands ........................................................... 26
Table 20.
Registers address map ............................................................... 28
Table 21.
Output data rate bit configurations ....................................................... 32
Table 22.
Averaging selection ................................................................. 32
Table 23.
Power consumption for pressure acquistion (when AH and Qvar are disabled)......................... 33
Table 24.
Power consumption for Qvar acquisition ................................................... 33
Table 25.
Noise performance.................................................................. 33
Table 26.
FIFO mode selection ................................................................ 37
Table 27.
Reel dimensions for carrier tape of CCLGA-7L package ........................................ 46
Table 28.
Document revision history ............................................................. 47
ILPS28QSW
List of tables
DS13905 - Rev 1
page 50/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52