전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO808A 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 ISO808A
상세설명  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button ISO808A Datasheet HTML 20Page - STMicroelectronics ISO808A Datasheet HTML 21Page - STMicroelectronics ISO808A Datasheet HTML 22Page - STMicroelectronics ISO808A Datasheet HTML 23Page - STMicroelectronics ISO808A Datasheet HTML 24Page - STMicroelectronics ISO808A Datasheet HTML 25Page - STMicroelectronics ISO808A Datasheet HTML 26Page - STMicroelectronics ISO808A Datasheet HTML 27Page - STMicroelectronics ISO808A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
9
Reverse polarity on VDD
The reverse polarity on VDD can be implemented on board by placing a diode between the GNDDD pin and GND
digital ground.
The diode must be chosen by taking into account VRRM>|VDD| and its power dissipation capability:
PD≥IDD×VF
(4)
Note:
In normal operation (no reverse polarity), there is a voltage drop (ΔV = VF@(Idd)) between GNDDD of the device
and digital ground of the system. In order to guarantee to proper
triggering of the input signal, ΔV(max.) must result lower than VIH(MIN).
Figure 24. VDD reverse polarity protection
Note:
Input(i) is intended as any input pin on logic side.
ISO808A, ISO808A-1
Reverse
polarity on VDD
DS14170 - Rev 1
page 24/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38